PART |
Description |
Maker |
10ETF02STRL 10ETF02STRR 10ETF06STRL 10ETF06STRR 10 |
DIODE 10 A, 600 V, SILICON, RECTIFIER DIODE, D2PAK-3, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 快速软恢复整流二极 200V Fast Recovery Diode in a D2-Pak package 400V Fast Recovery Diode in a D2-Pak package 600V Fast Recovery Diode in a D2-Pak package
|
Vishay Semiconductors International Rectifier, Corp. IRF[International Rectifier]
|
8EWF06STRR 8EWF06STRL 8EWF 8EWF02STRL 8EWF02STRR 8 |
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE 600V Fast Recovery Diode in a D-Pak package 400V Fast Recovery Diode in a D-Pak package 200V Fast Recovery Diode in a D-Pak package SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE 软恢复二极管表面贴装快 8 A, 400 V, SILICON, RECTIFIER DIODE, TO-252AA
|
IRF[International Rectifier] International Rectifier, Corp. VISHAY SEMICONDUCTORS
|
SD403C12S15C SD403C SD403C16S15C SD403C04S10C SD40 |
1600V Fast Recovery Diode in a DO-200AA (A-Puk) package 1400V Fast Recovery Diode in a DO-200AA (A-Puk) package 1200V Fast Recovery Diode in a DO-200AA (A-Puk) package 1000V Fast Recovery Diode in a DO-200AA (A-Puk) package 800V Fast Recovery Diode in a DO-200AA (A-Puk) package FAST RECOVERY DIODES Hockey Puk Version
|
IRF[International Rectifier]
|
SD203R25S20PV SD203N SD203N04S10MBC SD203N04S10MBV |
1200V Fast Recovery Diode in a DO-205AB (DO-9) package 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V Fast Recovery Diode in a DO-205AB (DO-9) package XSTR FET-N DEPL 500V 1K TO243 SEMICONDUCTOR DEVICE, TRANSISTOR, P-CHANNEL MOSFET (SOT-89) XSTR M N 100V 1.5R 3.0A ,IC, HIGH VOLT EL DRIVER, SO-8 DIODE SCHOTTKY 40V/1A SS14 SMA 快速恢复二极管螺柱版本 TRANSISTOR, DN2540 N-FET S 快速恢复二极管螺柱版本 FAST RECOVERY DIODES Stud Version 快速恢复二极管螺柱版本
|
IRF[International Rectifier] International Rectifier, Corp.
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
DSEI120 DSEI120-06A |
Fast Recovery Diodes Fast Recovery Epitaxial Diode (FRED) 126 A, 600 V, SILICON, RECTIFIER DIODE, TO-247AD
|
IXYS[IXYS Corporation] IXYS, Corp.
|
20ETF02S 20ETF02STRL 20ETF02STRR 20ETF04S 20ETF06S |
SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE FAST SOFT RECOVERY 200V Fast Recovery Diode in a D2-Pak package 400V Fast Recovery Diode in a D2-Pak package 600V Fast Recovery Diode in a D2-Pak package SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE 软恢复表面贴装快速整流二极管
|
International Rectifier, Corp.
|
R5021010 R5020410 R5030410 R5031210 R5031010 R5020 |
1200V, 100A fast recovery single diode 1000V, 100A fast recovery single diode 800V, 100A fast recovery single diode 600V, 100A fast recovery single diode Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 快速恢复整流器00安培平均1200伏特 Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 100 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
R5021018 R5030418 R5031418 R5031018 R5020818 R5021 |
Fast Recovery Rectifier (175 Amperes Average 1400 Volts) Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 快速恢复整流器175安培平均1400伏特 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 800V, 175A fast recovery single diode 1400V, 175A fast recovery single diode 1000V, 175A fast recovery single diode 1200V, 175A fast recovery single diode 600V, 175A fast recovery single diode
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semicondu...
|
SD2053C40S50R SD2053C32S50R SD2053C36S50R SD2053C4 |
4000V Fast Recovery Diode in a B-44 (R-Puk) package 3200V Fast Recovery Diode in a B-44 (R-Puk) package 3600V Fast Recovery Diode in a B-44 (R-Puk) package 4500V Fast Recovery Diode in a B-44 (R-Puk) package
|
International Rectifier
|
SD553C..S50LSERIES 2642 SD553C40S50L SD553C30S50L |
3000V Fast Recovery Diode in a DO-200AB (B-Puk) package 4000V Fast Recovery Diode in a DO-200AB (B-Puk) package From old datasheet system FAST RECOVERY DIODES
|
International Rectifier
|
TFR2N TFR2T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|